PART |
Description |
Maker |
USM12G48 USM12G48A USM12J48 USM12J48A SM12J48A SM1 |
AC POWER CONTROL APPLICATIONS BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE AC POWER CONTROL APPLICATIONS 400 V, 12 A, TRIAC 600 V, 12 A, TRIAC
|
TOSHIBA[Toshiba Semiconductor] http://
|
SF3B41 S2008R12V S2008N12V S2008K12V S2008W12V S20 |
200 V, 6 A sensitive triac 200 V, 16 A alternistor triac 800 V, 6 A triac 200 V, 8 A alternistor triac 400 V, 25 A triac 400 V, 10 A triac Thyristor Product Catalog Cross Reference Data to Teccor Part Numbers (See datasheet appendix) 600 V, 10 A triac 200 V, 10 A alternistor triac 800 V, 4 A triac 400 V, 16 A alternistor triac
|
Teccor Electronics, Inc.
|
PMA0207 |
Metal Film Resistors, Precision, High Stability 金属膜电阻器,高精度,高稳定 Metal Film Resistors, Precision, High Stability, Special stabilized metal alloy on high quality ceramic, Suitable for precision measuring techniques and precision control engineering
|
VISAY[Vishay Siliconix]
|
AN1114 |
BURST MODE TRIAC CONTROL
|
ST Microelectronics
|
TDA1023 |
Proportional-control triac triggering circuit
|
Philips Semiconductors
|
CQ220I-10D CQ220I-10N CQ220I-10B CQ220I-10M |
CAP 0.039UF 16V 10% X7R SMD-0805 TR-7 PLATED-NI/SN 600 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 10 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
CQ202-4M-2 CQ202-4D-2 CQ202-4N-2 |
4.0 AMP TRIAC 600 THRU 800 VOLTS 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
CQ220-8B CQ220-8D CQ220-8M CQ220-8N |
8.0 AMP TRIAC 200 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 8.0 AMP TRIAC 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 8.0 AMP TRIAC 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 8.0 AMP TRIAC 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
SM16JZ47 SM16JZ47A SM16GZ47 SM16GZ47A |
400 V, 16 A, TRIAC BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE AC POWER CONTROL APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
FTP-020P001 FTP-020P0020 FTP-020P0104 FTP-020P0704 |
THERMO-SENSITIVE PAPER
|
Fujitsu Component Limited. Fujitsu Component Limit...
|
T12A6CI |
Bi-Directional Triode Thyristor 12A Mold Triac(AC Power Control Application)(12A三端双向可控硅开关元交流电源控制应用)) 双向可控12A条三极管模具晶闸管(交流电源控制中的应用)(12A三端双向可控硅开关元件(交流电源控制应用))
|
KEC Holdings
|